Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC564L60L5CFSY Fiches technique(PDF) 51 Page - STMicroelectronics

No de pièce RPC564L60L5CFSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5CFSY Fiches technique(HTML) 51 Page - STMicroelectronics

Back Button RPC564L60L5CFSY Datasheet HTML 47Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 48Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 49Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 50Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 51Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 52Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 53Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 54Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 137 page
background image
DocID026934 Rev 1
51/137
RPC56EL60L5
Package pinouts and signal descriptions
136
D11
A[11]
SIUL
GPIO[11]
GPIO[11]
DSPI_2
SCK
SCK
FlexPWM_0
A[0]
A[0]
FlexPWM_0
A[2]
A[2]
SIUL
—
EIRQ[10]
D12
E[13]
SIUL
GPIO[77]
GPIO[77]
eTimer_0
ETC[5]
ETC[5]
DSPI_2
CS3
—
SIUL
—
EIRQ[25]
D13
F[15]
SIUL
GPIO[95]
GPIO[95]
LINFlexD_1
—
RXD
D14
VDD_HV_IO_RING
—
D15
VPP_TEST
(1)
—
D16
D[14]
SIUL
GPIO[62]
GPIO[62]
FlexPWM_0
B[1]
B[1]
eTimer_0
—
ETC[3]
D17
G[3]
SIUL
GPIO[99]
GPIO[99]
FlexPWM_0
A[2]
A[2]
eTimer_0
—
ETC[4]
E1
MDO0
—
E2
F[6]
SIUL
GPIO[86]
GPIO[86]
NPC
MDO[1]
—
E3
D[1]
SIUL
GPIO[49]
GPIO[49]
eTimer_1
ETC[2]
ETC[2]
CTU_0
EXT_TGR
—
FlexRay
—
CA_RX
E4
NMI
—
E14
Not connected
—
E15
C[14]
SIUL
GPIO[46]
GPIO[46]
eTimer_1
ETC[2]
ETC[2]
CTU_0
EXT_TGR
—
E16
G[2]
SIUL
GPIO[98]
GPIO[98]
FlexPWM_0
X[2]
X[2]
DSPI_1
CS1
—
Table 4. LFBGA257 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More