Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC564L60L5CFSY Fiches technique(PDF) 57 Page - STMicroelectronics

No de pièce RPC564L60L5CFSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5CFSY Fiches technique(HTML) 57 Page - STMicroelectronics

Back Button RPC564L60L5CFSY Datasheet HTML 53Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 54Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 55Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 56Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 57Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 58Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 59Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 60Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 137 page
background image
DocID026934 Rev 1
57/137
RPC56EL60L5
Package pinouts and signal descriptions
136
M4
Not connected
—
M6
VDD_LV
—
M7
VDD_LV
—
M8
VDD_LV
—
M9
VDD_LV
—
M10
VDD_LV
—
M11
VDD_LV
—
M12
VDD_LV
—
M14
C[11]
SIUL
GPIO[43]
GPIO[43]
eTimer_0
ETC[4]
ETC[4]
DSPI_2
CS2
—
M15
B[5]
SIUL
GPIO[21]
GPIO[21]
JTAGC
—
TDI
M16
TMS
—
M17
H[5]
SIUL
GPIO[117]
GPIO[117]
FlexPWM_1
A[0]
A[0]
DSPI_0
CS4
—
N1
XTAL
—
N2
VSS_HV_IO_RING
—
N3
D[5]
SIUL
GPIO[53]
GPIO[53]
DSPI_0
CS3
—
FlexPWM_0
—
FAULT[2]
N4
VSS_LV_PLL0_PLL1
—
N14
Not connected
—
N15
C[12]
SIUL
GPIO[44]
GPIO[44]
eTimer_0
ETC[5]
ETC[5]
DSPI_2
CS3
—
N16
A[2]
SIUL
GPIO[2]
GPIO[2]
eTimer_0
ETC[2]
ETC[2]
FlexPWM_0
A[3]
A[3]
DSPI_2
—
SIN
MC_RGM
—
ABS[0]
SIUL
—
EIRQ[2]
Table 4. LFBGA257 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More