Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC564L60L5CFSY Fiches technique(PDF) 76 Page - STMicroelectronics

No de pièce RPC564L60L5CFSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5CFSY Fiches technique(HTML) 76 Page - STMicroelectronics

Back Button RPC564L60L5CFSY Datasheet HTML 72Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 73Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 74Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 75Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 76Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 77Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 78Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 79Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 137 page
background image
Package pinouts and signal descriptions
RPC56EL60L5
76/137
DocID026934 Rev 1
D[11]
PCR[59
]
SIUL
GPIO[59]
ALT0
GPIO[59]
—
—M
S
78
R1
6
FlexPWM_0
B[0]
ALT1
B[0]
PSMI[24];
PADSEL=
1
eTimer_0
—
—
ETC[1]
PSMI[36];
PADSEL=
1
D[12]
PCR[60
]
SIUL
GPIO[60]
ALT0
GPIO[60]
—M
S
99
G1
4
FlexPWM_0
X[1]
ALT1
X[1]
PSMI[28];
PADSEL=
1
LINFlexD_1
—
—
RXD
PSMI[32];
PADSEL=
1
D[14]
PCR[62
]
SIUL
GPIO[62]
ALT0
GPIO[62]
—
—M
S
105
D1
6
FlexPWM_0
B[1]
ALT1
B[1]
PSMI[25];
PADSEL=
2
eTimer_0
—
—
ETC[3]
PSMI[38];
PADSEL=
1
Port E
E[0]
PCR[64
]
SIUL
—
ALT0
GPI[64]
—
——
—
68
T13
ADC_1
—
—
AN[5](3)
—
E[2]
PCR[66
]
SIUL
—
ALT0
GPI[66]
—
——
—
49
U6
ADC_0
—
—
AN[5](3)
—
E[4]
PCR[68
]
SIUL
—
ALT0
GPI[68]
—
——
—
42
U4
ADC_0
—
—
AN[7](3)
—
E[5]
PCR[69
]
SIUL
—
ALT0
GPI[69]
—
——
—
44
T5
ADC_0
—
—
AN[8](3)
—
E[6]
PCR[70
]
SIUL
—
ALT0
GPI[70]
—
——
—
46
R6
ADC_0
—
—
AN[4](3)
—
E[7]
PCR[71
]
SIUL
—
ALT0
GPI[71]
—
——
—
48
T6
ADC_0
—
—
AN[6](3)
—
E[9]
PCR[73
]
SIUL
—
ALT0
GPI[73]
—
——
—
61
T10
ADC_1
—
—
AN[7](3)
—
Table 7. Pin muxing (continued)
Port
name
PCR
Peripheral
Alternate
output
function
Output
mux sel
Input
functions
Input
mux
select
Weak pull
config
during
reset
Pad
speed(1)
Pin #
SR
C
= 1
SR
C
= 0
144
pk
g
257
pk
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More