| Moteur de recherche de fiches techniques de composants électroniques |
|
RPC564L60L5CFSY Fiches technique(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC564L60L5CFSY Fiches technique(HTML) 77 Page - STMicroelectronics |
|
77 / 137 page ![]() DocID026934 Rev 1 77/137 RPC56EL60L5 Package pinouts and signal descriptions 136 E[10] PCR[74 ] SIUL — ALT0 GPI[74] — —— — 63 T11 ADC_1 — — AN[8](3) — E[11] PCR[75 ] SIUL — ALT0 GPI[75] — —— — 65 U1 1 ADC_1 — — AN[4](3) — E[12] PCR[76 ] SIUL — ALT0 GPI[76] — —— — 67 T12 ADC_1 — — AN[6](3) — E[13] PCR[77 ] SIUL GPIO[77] ALT0 GPIO[77] — —M S 117 D1 2 eTimer_0 ETC[5] ALT1 ETC[5] PSMI[8]; PADSEL= 1 DSPI_2 CS3 ALT2 — — SIUL — — EIRQ[25] — E[14] PCR[78 ] SIUL GPIO[78] ALT0 GPIO[78] — —M S 119 B1 2 eTimer_1 ETC[5] ALT1 ETC[5] PSMI[14]; PADSEL= 3 SIUL — — EIRQ[26] — E[15] PCR[79 ] SIUL GPIO[79] ALT0 GPIO[79] — —M S 121 B11 DSPI_0 CS1 ALT1 — — SIUL — — EIRQ[27] — Port F F[0] PCR[80 ] SIUL GPIO[80] ALT0 GPIO[80] — —M S 133 D7 FlexPWM_0 A[1] ALT1 A[1] PSMI[21]; PADSEL= 2 eTimer_0 — — ETC[2] PSMI[37]; PADSEL= 1 SIUL — — EIRQ[28] — F[3] PCR[83 ] SIUL GPIO[83] ALT0 GPIO[83] — —M S 139 B5 DSPI_0 CS6 ALT1 — — F[4] PCR[84 ] SIUL GPIO[84] ALT0 GPIO[84] — —F S 4 D2 NPC MDO[3] ALT2 — — Table 7. Pin muxing (continued) Port name PCR Peripheral Alternate output function Output mux sel Input functions Input mux select Weak pull config during reset Pad speed(1) Pin # SR C = 1 SR C = 0 144 pk g 257 pk g |