Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC564L60L5CFSY Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce RPC564L60L5CFSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5CFSY Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button RPC564L60L5CFSY Datasheet HTML 33Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 34Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 35Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 36Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 37Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 38Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 39Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 40Page - STMicroelectronics RPC564L60L5CFSY Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 137 page
background image
DocID026934 Rev 1
37/137
RPC56EL60L5
Package pinouts and signal descriptions
136
32
D[8]
SIUL
GPIO[56]
GPIO[56]
DSPI_1
CS2
—
eTimer_1
ETC[4]
ETC[4]
DSPI_0
CS5
—
FlexPWM_0
—
FAULT[3]
33
D[5]
SIUL
GPIO[53]
GPIO[53]
DSPI_0
CS3
—
FlexPWM_0
—
FAULT[2]
34
D[6]
SIUL
GPIO[54]
GPIO[54]
DSPI_0
CS2
—
FlexPWM_0
X[3]
X[3]
FlexPWM_0
—
FAULT[1]
35
VSS_LV_PLL0_PLL1
—
36
VDD_LV_PLL0_PLL1
—
37
D[7]
SIUL
GPIO[55]
GPIO[55]
DSPI_1
CS3
—
DSPI_0
CS4
—
SWG
analog output
—
38
FCCU_F[0]
FCCU
F[0]
F[0]
39
VDD_LV_COR
—
40
VSS_LV_COR
—
41
C[1]
SIUL
—
GPIO[33]
ADC_0
—
AN[2]
42
E[4]
SIUL
—
GPIO[68]
ADC_0
—
AN[7]
43
B[7]
SIUL
—
GPIO[23]
LINFlexD_0
—
RXD
ADC_0
—
AN[0]
44
E[5]
SIUL
—
GPIO[69]
ADC_0
—
AN[8]
45
C[2]
SIUL
—
GPIO[34]
ADC_0
—
AN[3]
46
E[6]
SIUL
—
GPIO[70]
ADC_0
—
AN[4]
Table 3. LQFP144 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More