| Moteur de recherche de fiches techniques de composants électroniques |
|
RPC564L60L5CFSY Fiches technique(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC564L60L5CFSY Fiches technique(HTML) 68 Page - STMicroelectronics |
|
68 / 137 page ![]() Package pinouts and signal descriptions RPC56EL60L5 68/137 DocID026934 Rev 1 A[12] PCR[12 ] SIUL GPIO[12] ALT0 GPIO[12] — —M S 122 A1 0 DSPI_2 SOUT ALT1 — — FlexPWM_0 A[2] ALT2 A[2] PSMI[22]; PADSEL= 1 FlexPWM_0 B[2] ALT3 B[2] PSMI[26]; PADSEL= 0 SIUL — — EIRQ[11] — A[13] PCR[13 ] SIUL GPIO[13] ALT0 GPIO[13] — —M S 136 C6 FlexPWM_0 B[2] ALT2 B[2] PSMI[26]; PADSEL= 1 DSPI_2 — — SIN PSMI[2]; PADSEL= 1 FlexPWM_0 — — FAULT[0] PSMI[16]; PADSEL= 1 SIUL — — EIRQ[12] — A[14] PCR[14 ] SIUL GPIO[14] ALT0 GPIO[14] — —M S 143 B4 FlexCAN_1 TXD ALT1 — — eTimer_1 ETC[4] ALT2 ETC[4] PSMI[13]; PADSEL= 0 SIUL — — EIRQ[13] — A[15] PCR[15 ] SIUL GPIO[15] ALT0 GPIO[15] — —M S 144 D3 eTimer_1 ETC[5] ALT2 ETC[5] PSMI[14]; PADSEL= 1 FlexCAN_1 — — RXD PSMI[34]; PADSEL= 0 FlexCAN_0 — — RXD PSMI[33]; PADSEL= 0 SIUL — — EIRQ[14] — Table 7. Pin muxing (continued) Port name PCR Peripheral Alternate output function Output mux sel Input functions Input mux select Weak pull config during reset Pad speed(1) Pin # SR C = 1 SR C = 0 144 pk g 257 pk g |