| Moteur de recherche de fiches techniques de composants électroniques |
|
RN131 Fiches technique(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RN131 Fiches technique(HTML) 18 Page - Microchip Technology |
|
18 / 40 page ![]() RN131/RN171/RN1723 Evaluation Kits User’s Guide DS50002183B-page 18 2013-2015 Microchip Technology Inc. 1.5.2 RN1723 and RN171 Evaluation Boards Figure 1-2 and Figure 1-3 show the components of the RN1723 Evaluation Board and RN171 Evaluation Board, respectively. Table 1-5 through Table 1-7 provide pin information for the UART and Sensor interfaces, as well as LED descriptions, which are common to both evaluation boards. FIGURE 1-2: RN1723 EVALUATION BOARD COMPONENTS Status LEDs Sensor Interface (J5) Push Buttons PCB Trace USB mini-B Connector (underside) Antenna |