Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RN131 Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce RN131
Description  RN131/RN171/RN1723 Evaluation Kits
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN131 Fiches technique(HTML) 7 Page - Microchip Technology

Back Button RN131 Datasheet HTML 3Page - Microchip Technology RN131 Datasheet HTML 4Page - Microchip Technology RN131 Datasheet HTML 5Page - Microchip Technology RN131 Datasheet HTML 6Page - Microchip Technology RN131 Datasheet HTML 7Page - Microchip Technology RN131 Datasheet HTML 8Page - Microchip Technology RN131 Datasheet HTML 9Page - Microchip Technology RN131 Datasheet HTML 10Page - Microchip Technology RN131 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
RN131/RN171/RN1723
EVALUATION KITS
USER’S GUIDE
 2013-2015 Microchip Technology Inc.
DS50002183B-page 7
Preface
INTRODUCTION
This preface contains information that will be useful to know before using the
RN131/RN171/RN1723 Evaluation Kits User’s Guide. Topics discussed include:
• Document Layout
• Conventions Used in this Guide
• Recommended Reading
• Recommended Reading
• The Microchip Web Site
• Development Systems Customer Change Notification Service
• Customer Support
• Document Revision History
DOCUMENT LAYOUT
This document describes how to use the RN131 Evaluation Kit, the RN171 Evaluation
Kit, and the RN1723 Evaluation Kit. The manual layout is as follows:
• Chapter 1. “Overview” – This chapter describes the evaluation kits that are used for
demonstrating the capabilities of the RN131, RN171, and RN1723 modules. The RN
evaluation boards in each kit have the flexibility to connect directly to a PC or laptop
through a standard USB interface or to an embedded controller through the serial
UART interface.
• Chapter 2. “Getting Started” – This chapter describes using an RN evaluation kit
as an independent development board to add Wi-Fi® connectivity to embedded
systems. Certain hardware and software prerequisites are essential to support the
development of demonstration applications, which are discussed in this chapter.
• Chapter 3. “Application Design Concerns” – This chapter provides design
concerns related to powering an RN evaluation board, including sensor interface
settings, push button functions, and restoring factory settings.
• Appendix A. “Schematics, Bill of Materials, and Dimensions” – This appendix
provides the schematics, Bill of Materials (BOM), and physical dimensions for the
RN evaluation boards.
NOTICE TO CUSTOMERS
All documentation becomes dated, and this manual is no exception. Microchip tools and
documentation are constantly evolving to meet customer needs, so some actual dialogs
and/or tool descriptions may differ from those in this document. Please refer to our web site
(www.microchip.com) to obtain the latest documentation available.
Documents are identified with a “DS” number. This number is located on the bottom of each
page, in front of the page number. The numbering convention for the DS number is
“DSXXXXXXXXA”, where “XXXXXXXX” is the document number and “A” is the revision level
of the document.
For the most up-to-date information on development tools, see the MPLAB® X IDE online help.
Select the Help menu, and then Topics to open a list of available online help files.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40