| Moteur de recherche de fiches techniques de composants électroniques |
|
RN131 Fiches technique(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RN131 Fiches technique(HTML) 8 Page - Microchip Technology |
|
8 / 40 page ![]() RN131/RN171/RN1723 Evaluation Kits User’s Guide DS50002183B-page 8 2013-2015 Microchip Technology Inc. CONVENTIONS USED IN THIS GUIDE This manual uses the following documentation conventions: DOCUMENTATION CONVENTIONS Description Represents Examples Italic characters Referenced books MPLAB® IDE User’s Guide Emphasized text ...is the only compiler... Initial caps A window the Output window A dialog the Settings dialog A menu selection select Enable Programmer Quotes A field name in a window or dialog “Save project before build” Underlined, italic text with right angle bracket A menu path File > Save Bold characters A dialog button Click OK A tab Click the Power tab Text in angle brackets < > A key on the keyboard Press <Enter>, <F1> Plain Courier New Sample source code #define START Filenames autoexec.bat File paths c:\mcc18\h Keywords _asm, _endasm, static Command-line options -Opa+, -Opa- Bit values 0, 1 Constants 0xFF, ‘A’ Italic Courier New A variable argument file.o , where file can be any valid filename Square brackets [ ] Optional arguments mcc18 [options] file [options] Curly brackets and pipe character: { | } Choice of mutually exclusive arguments; an OR selection errorlevel {0|1} Ellipses... Replaces repeated text var_name [, var_name...] Represents code supplied by user void main (void) { ... } Notes A Note presents information that we want to re-emphasize, either to help you avoid a common pitfall or to make you aware of operating differences between some device family members. A Note can be in a box, or when used in a table or figure, it is located at the bottom of the table or figure. Note 1: This is a note used in a table. Note: This is a standard note box. CAUTION This is a caution note. |