Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RN131 Fiches technique(PDF) 22 Page - Microchip Technology

No de pièce RN131
Description  RN131/RN171/RN1723 Evaluation Kits
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN131 Fiches technique(HTML) 22 Page - Microchip Technology

Back Button RN131 Datasheet HTML 18Page - Microchip Technology RN131 Datasheet HTML 19Page - Microchip Technology RN131 Datasheet HTML 20Page - Microchip Technology RN131 Datasheet HTML 21Page - Microchip Technology RN131 Datasheet HTML 22Page - Microchip Technology RN131 Datasheet HTML 23Page - Microchip Technology RN131 Datasheet HTML 24Page - Microchip Technology RN131 Datasheet HTML 25Page - Microchip Technology RN131 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
RN131/RN171/RN1723 Evaluation Kits User’s Guide
DS50002183B-page 22
 2013-2015 Microchip Technology Inc.
2.2
HARDWARE CONFIGURATION
The following steps describe how to set up and configure the hardware:
1.
Supply power to the evaluation board using a USB cable. Alternatively, power
can be supplied to the RN1723 Evaluation Board and RN171 Evaluation Board
by inserting two AAA batteries into the battery pack.
2.
Connect the USB cable to a USB port on the host system and to the USB connector
on the RN evaluation board.
3.
If the drivers are not automatically installed, download and install the FTDI Chipset
drivers from http://www.microchip.com/wifi. From the Wireless menu, click Firmware
and scroll to the Software section. Click FTDI Chipset Drivers to download the zip
archive.
4.
Once the FTDI drivers are installed, the COM port is automatically assigned based
on the active connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40