Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RN131 Fiches technique(PDF) 29 Page - Microchip Technology

No de pièce RN131
Description  RN131/RN171/RN1723 Evaluation Kits
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN131 Fiches technique(HTML) 29 Page - Microchip Technology

Back Button RN131 Datasheet HTML 25Page - Microchip Technology RN131 Datasheet HTML 26Page - Microchip Technology RN131 Datasheet HTML 27Page - Microchip Technology RN131 Datasheet HTML 28Page - Microchip Technology RN131 Datasheet HTML 29Page - Microchip Technology RN131 Datasheet HTML 30Page - Microchip Technology RN131 Datasheet HTML 31Page - Microchip Technology RN131 Datasheet HTML 32Page - Microchip Technology RN131 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
RN131/RN171/RN1723
EVALUATION KITS
USER’S GUIDE
 2013-2015 Microchip Technology Inc.
DS50002183B-page 29
Appendix A. Schematics, Bill of Materials, and Dimensions
This appendix provides the schematics, Bill of Materials (BOM), and physical
dimensions for the RN evaluation boards.
A.1
RN131 EVALUATION BOARD
FIGURE A-1:
RN131 MODULE
SENSOR_0
SENSOR_1
SENSOR_2
SENSOR_3
SENSOR_6
SENSOR_7
SENSOR_4
SENSOR_5
SENSOR_POWER
RESET_N
FORCE_AWAKE
GPIO_8
GPIO_9
GPIO_5
GPIO_6
GPIO_7
GPIO_4
CTS
RTS
TXD
RXD
VDD_3V3
29
GPIO_4
29
30
SENSOR_1
30
31
SENSOR_2
31
32
SENSOR_3
32
33
SENSOR_POWER
33
34
SENSOR_0
34
EPC_A
6
6
EPC_B
7
7
SUPERCAP_BALANCE
8
8
FORCE_AWAKE
9
9
UART_RTS(GPIO_13)
10
10
UART_CTS(GPIO_12)
11
11
UART_RX(GPIO_11)
12
12
UART_TX (GPIO_10)
13
13
SENSOR_6
1
1
SENSOR_4
2
2
SENSOR_5
3
3
SENSOR_7
4
4
RESET
5
5
23
ISP_RX
23
24
GPIO_9
24
25
GPIO_8
25
26
GPIO_7
26
27
GPIO_6
27
28
GPIO_5
28
M1
RN131 Module
ISP_TX
ISP_RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40