| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3435 Fiches technique(PDF) 60 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3435 Fiches technique(HTML) 60 Page - ams AG |
|
60 / 102 page ![]() AS3415/AS3435 – 60 ams Datasheet, Confidential: 2014-Jun-13 [v1-30] De tail ed De sc rip t ion Protocol Figure 76: I²C Serial Interface Symbol Definition Symbol Definition: The table shows the symbol definitions being used in the explanations for the data transfer between master and slave. Figure 77: Byte Write Symbol Definition RW Note S Start condition after stop R 1 bit Sr Repeated start R 1 bit DW Device address for write R 1000 1110b (8Eh) DR Device address for read R 1000 1111b (8Fh) WA Word address R 8 bit AAcknowledge W 1 bit NNo Acknowledge R 1 bit reg_data Register data/write R 8 bit data (n) Register data/read W 8 bit P Stop condition R 1 bit WA++ Increment word address internally R during acknowledge AS3421 AS3422 (=slave) receives data AS3421 AS3422 (=slave) transmits data S DW A WA A reg_data A P write register WA++ |