| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3435 Fiches technique(PDF) 6 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3435 Fiches technique(HTML) 6 Page - ams AG |
|
6 / 102 page ![]() AS3415/AS3435 – 6 ams Datasheet, Confidential: 2014-Jun-13 [v1-30] P i n Description IOP2R 19 - ANA IN ANC Filter OpAmp2 input right channel. QOP2R 20 - ANA OUT ANC filter OpAmp2 output right channel. BPL 21 18 ANA IN Left audio bypass terminal input. HPL 22 19 ANA OUT Headphone amplifier output left channel MIXL 23 20 ANA IN Headphone amplifier external summation input terminal left channel. MIXR 24 21 ANA IN Headphone amplifier external summation input terminal right channel. HPR 25 22 ANA OUT Headphone amplifier output right channel BPR 26 23 ANA OUT Right audio bypass terminal input. VBAT 27 24 SUP IN Positive supply terminal of IC. CPP 28 25 ANA OUT VNEG charge pump flying capacitor positive terminal. GND 29 26 GND VNEG charge pump ground terminal. CPN 30 27 ANA OUT VNEG charge pump flying capacitor negative terminal. VNEG 31 28 SUP OUT VNEG charge pump output. This pin must be connected to exposed pad of QFN package. QOP2L 32 - ANA OUT ANC Filter OpAmp2 output left channel. IOP2L 33 - ANA IN ANC Filter OpAmp2 input left channel. QOP1L 34 29 ANA IN Filter OpAmp1 output left channel. IOP1L 35 30 ANA OUT Filter OpAmp1 input left channel. QMICL 36 31 SUP IN ANC microphone preamplifier output left channel. VNEG 37 33 SUP IN Exposed Pad: Must be connected to VNEG pin 31(AS3435) or 28(AS3415). Pin Name Pin Number Pin Type Description AS3435 AS3415 |