| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3435 Fiches technique(PDF) 89 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3435 Fiches technique(HTML) 89 Page - ams AG |
|
89 / 102 page ![]() ams Datasheet, Confidential: 2014-Jun-13 [v1-30] AS3415/AS3435 – 89 P C B La y o ut Recommendation Figure 109: Line Input and Headphone Layout Recommendation AS3415/35 Line Input and HPH Layout recommendation: This diagram shows the layout recommendation of the AS3415/35 line input amplifier and the headphone amplifier. Headphone Layout: Use wide signal lines for line input ground, headphone ground and signal lines as well as for the music bypass lines. A weak signal line on any of these connections can influence channel separation of the device. GND HPL HPR T1 HP C R2 R2 R1 R1 BAT GND R L CHP HPR HPL BPL BPR QLINL LINL TRSDA TRSCL LINR QLINR ~~ ~~ TOP LAYER SILK SCREEN TOP LAYER BOARD OUTLINE BOTTOM LAYER COMMENT LAYER Line input ground plane for all line input related components. Dedicated headphone ground connection from headphone terminal back to battery ground terminal. Dedicated lien input ground connection from line input terminal back to battery ground terminal. AS3435 |