Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3435 Fiches technique(PDF) 57 Page - ams AG

No de pièce AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Fiches technique(HTML) 57 Page - ams AG

Back Button AS3435 Datasheet HTML 53Page - ams AG AS3435 Datasheet HTML 54Page - ams AG AS3435 Datasheet HTML 55Page - ams AG AS3435 Datasheet HTML 56Page - ams AG AS3435 Datasheet HTML 57Page - ams AG AS3435 Datasheet HTML 58Page - ams AG AS3435 Datasheet HTML 59Page - ams AG AS3435 Datasheet HTML 60Page - ams AG AS3435 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 57
Detaile d Desc rip t ion
Besides production trimming using the I²C interface, the
AS3415/35 features a second unique trimming mechanism. This
very special mode enables the analog music inputs of the
AS3415/35 to become a production trimming input.
Figure 72:
Production Environment Production Trim Box
Production Trim Box: This block diagram shows the connection of the Trim Box enabling the audio inputs to
become a trim input for mass production.
With this new system, there is no need for mechanical
potentiometers any more. Up to now, operators in production
use screw drivers to fine tune the ANC performance of each
headset. The disadvantage of this is reliability and cost of
potentiometers. Additionally, operators are not always precise
in their work, thus yielding inconsistent results. With the new
production trimming system from ams there are no mechanical
potentiometers required. The operator connects a 3.5mm audio
jack to a trimming box and this box enables the audio input of
the headset to become the ANC tuning input. This new feature
also helps industrial designers of headset because there are no
more considerations concerning leakage holes for the old
mechanical trimming. Thus, the headset can be fully assembled
and ready for the ANC test system at the end of the
manufacturing process. The trim box can be easily controlled
with an RS232 interface so it is also possible to create fully
automated trimming systems. For further details please contact
our local sales office; they can provide you with source code
examples and application notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More