Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3435 Fiches technique(PDF) 93 Page - ams AG

No de pièce AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Fiches technique(HTML) 93 Page - ams AG

Back Button AS3435 Datasheet HTML 89Page - ams AG AS3435 Datasheet HTML 90Page - ams AG AS3435 Datasheet HTML 91Page - ams AG AS3435 Datasheet HTML 92Page - ams AG AS3435 Datasheet HTML 93Page - ams AG AS3435 Datasheet HTML 94Page - ams AG AS3435 Datasheet HTML 95Page - ams AG AS3435 Datasheet HTML 96Page - ams AG AS3435 Datasheet HTML 97Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 93
Pa c k a g e D r a w i n g s & M a r k i n g s
Figure 113:
QFN Marking
QFN Marking: Shows the package marking of the QFN product version.
Figure 114:
Package Code YYWWIZZ
YY
WW
X
ZZ
Last two digits of the year
Manufacturing week
Plant identifier
Free choice/ traceability code
Package Drawings & Markings
YYWWXZZ
AS3415
1V5 @
YYWWXZZ
AS3435
1V5 @



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More