Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3435 Fiches technique(PDF) 90 Page - ams AG

No de pièce AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Fiches technique(HTML) 90 Page - ams AG

Back Button AS3435 Datasheet HTML 86Page - ams AG AS3435 Datasheet HTML 87Page - ams AG AS3435 Datasheet HTML 88Page - ams AG AS3435 Datasheet HTML 89Page - ams AG AS3435 Datasheet HTML 90Page - ams AG AS3435 Datasheet HTML 91Page - ams AG AS3435 Datasheet HTML 92Page - ams AG AS3435 Datasheet HTML 93Page - ams AG AS3435 Datasheet HTML 94Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 102 page
background image
AS3415/AS3435 – 90
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
P C B La y o ut Re comme nda t ion
AS3435 Complete Layout Example
The combination of all layout recommendations given in the
previous chapters are shown in Figure 110. It also includes a
push button for on/off control and a status indication LED. It is
important to say that all layout recommendations are also
applicable for the AS3515.
Figure 110:
AS3435 Over the Ear Layout Example
AS3435 over the ear layout example: This diagram shows the combination of all layout recommendations of a
PCB. The PCB outline is based on an over the ear headset.
Layout Recommendations:
All layout recommendations given in the
examples are also applicable for the
AS3415!
GND
HPL
HPR
T1
HP
C
CHP
R2
R2
R1
R1
BAT
GND
R
VNEG
C
FLY
C
BIAS
BIAS
R
R
L
TOP LAYER
SILK SCREEN TOP LAYER
BOARD OUTLINE
BOTTOM LAYER
AS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More