Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3415 Fiches technique(PDF) 60 Page - ams AG

No de pièce AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Fiches technique(HTML) 60 Page - ams AG

Back Button AS3415 Datasheet HTML 56Page - ams AG AS3415 Datasheet HTML 57Page - ams AG AS3415 Datasheet HTML 58Page - ams AG AS3415 Datasheet HTML 59Page - ams AG AS3415 Datasheet HTML 60Page - ams AG AS3415 Datasheet HTML 61Page - ams AG AS3415 Datasheet HTML 62Page - ams AG AS3415 Datasheet HTML 63Page - ams AG AS3415 Datasheet HTML 64Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 102 page
background image
AS3415/AS3435 – 60
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
De tail ed De sc rip t ion
Protocol
Figure 76:
I²C Serial Interface Symbol Definition
Symbol Definition: The table shows the symbol definitions being used in the explanations for the data transfer
between master and slave.
Figure 77:
Byte Write
Symbol
Definition
RW
Note
S
Start condition after stop
R
1 bit
Sr
Repeated start
R
1 bit
DW
Device address for write
R
1000 1110b (8Eh)
DR
Device address for read
R
1000 1111b (8Fh)
WA
Word address
R
8 bit
AAcknowledge
W
1 bit
NNo Acknowledge
R
1 bit
reg_data
Register data/write
R
8 bit
data (n)
Register data/read
W
8 bit
P
Stop condition
R
1 bit
WA++
Increment word address internally
R
during acknowledge
AS3421 AS3422 (=slave) receives data
AS3421 AS3422 (=slave) transmits data
S
DW
A
WA
A
reg_data
A
P
write register
WA++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More