| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3415 Fiches technique(PDF) 90 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3415 Fiches technique(HTML) 90 Page - ams AG |
|
90 / 102 page ![]() AS3415/AS3435 – 90 ams Datasheet, Confidential: 2014-Jun-13 [v1-30] P C B La y o ut Re comme nda t ion AS3435 Complete Layout Example The combination of all layout recommendations given in the previous chapters are shown in Figure 110. It also includes a push button for on/off control and a status indication LED. It is important to say that all layout recommendations are also applicable for the AS3515. Figure 110: AS3435 Over the Ear Layout Example AS3435 over the ear layout example: This diagram shows the combination of all layout recommendations of a PCB. The PCB outline is based on an over the ear headset. Layout Recommendations: All layout recommendations given in the examples are also applicable for the AS3415! GND HPL HPR T1 HP C CHP R2 R2 R1 R1 BAT GND R VNEG C FLY C BIAS BIAS R R L TOP LAYER SILK SCREEN TOP LAYER BOARD OUTLINE BOTTOM LAYER AS3435 |