Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3415 Fiches technique(PDF) 47 Page - ams AG

No de pièce AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Fiches technique(HTML) 47 Page - ams AG

Back Button AS3415 Datasheet HTML 43Page - ams AG AS3415 Datasheet HTML 44Page - ams AG AS3415 Datasheet HTML 45Page - ams AG AS3415 Datasheet HTML 46Page - ams AG AS3415 Datasheet HTML 47Page - ams AG AS3415 Datasheet HTML 48Page - ams AG AS3415 Datasheet HTML 49Page - ams AG AS3415 Datasheet HTML 50Page - ams AG AS3415 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 47
Detaile d Desc rip t ion
Playback Only Mode
The active noise cancelling feature of the AS3415/35 can also
be disabled with the ANC/CSDA pin. The ANC/CSDA pin has to
be pulled high to enable the ANC function during startup (ANC
MODE). If the pin is connected to ground, the chip enters
playback only mode (PBO MODE) in which the ANC function is
disabled. The operating mode of the line input mute switch, as
well as the mixer input, can be defined in register PBO_MODE.
The microphone amplifier shuts down automatically, but it is
possible to control the operational amplifiers in this mode
separately. Typically only the line input amplifiers and the
headphone amplifier are enabled in the playback only mode.
This very special mode allows the user to disable the ANC
function but still use the line input equalizer function of the
chipset. If this function is not desired you just need to pull the
pin high through a 22kΩ resistor.
Figure 60:
Playback Only Mode Timing Diagram
Playback Only Mode Timing Diagram: The diagram shows the necessary voltages and timings for different
operation modes in Playback Only Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More