| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3415 Fiches technique(PDF) 57 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3415 Fiches technique(HTML) 57 Page - ams AG |
|
57 / 102 page ![]() ams Datasheet, Confidential: 2014-Jun-13 [v1-30] AS3415/AS3435 – 57 Detaile d Desc rip t ion Besides production trimming using the I²C interface, the AS3415/35 features a second unique trimming mechanism. This very special mode enables the analog music inputs of the AS3415/35 to become a production trimming input. Figure 72: Production Environment Production Trim Box Production Trim Box: This block diagram shows the connection of the Trim Box enabling the audio inputs to become a trim input for mass production. With this new system, there is no need for mechanical potentiometers any more. Up to now, operators in production use screw drivers to fine tune the ANC performance of each headset. The disadvantage of this is reliability and cost of potentiometers. Additionally, operators are not always precise in their work, thus yielding inconsistent results. With the new production trimming system from ams there are no mechanical potentiometers required. The operator connects a 3.5mm audio jack to a trimming box and this box enables the audio input of the headset to become the ANC tuning input. This new feature also helps industrial designers of headset because there are no more considerations concerning leakage holes for the old mechanical trimming. Thus, the headset can be fully assembled and ready for the ANC test system at the end of the manufacturing process. The trim box can be easily controlled with an RS232 interface so it is also possible to create fully automated trimming systems. For further details please contact our local sales office; they can provide you with source code examples and application notes. |