| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3415 Fiches technique(PDF) 42 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3415 Fiches technique(HTML) 42 Page - ams AG |
|
42 / 102 page ![]() AS3415/AS3435 – 42 ams Datasheet, Confidential: 2014-Jun-13 [v1-30] De tail ed De sc rip t ion Start-Up Sequence The AS3515/35 has a defined startup sequence. Once the AS3415/35 MODE pin is pulled high, the device initiates the automatic startup sequence shown in Figure 51. Figure 51: Start-Up Sequence Stand Alone Mode: This timing diagram shows the startup sequence of the AS3415/35 in detail. |