Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3415 Fiches technique(PDF) 56 Page - ams AG

No de pièce AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Fiches technique(HTML) 56 Page - ams AG

Back Button AS3415 Datasheet HTML 52Page - ams AG AS3415 Datasheet HTML 53Page - ams AG AS3415 Datasheet HTML 54Page - ams AG AS3415 Datasheet HTML 55Page - ams AG AS3415 Datasheet HTML 56Page - ams AG AS3415 Datasheet HTML 57Page - ams AG AS3415 Datasheet HTML 58Page - ams AG AS3415 Datasheet HTML 59Page - ams AG AS3415 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 102 page
background image
AS3415/AS3435 – 56
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
De tail ed De sc rip t ion
with the original register dump performed just before we
started the actual trimming process. If the verification was
successful we know that all bits have been trimmed correctly
to AS3415/AS3435. What is important to mention is that the
AS3415 and AS3435 have a couple of test bits inside which are
by default set to ‘1’. We do not recommend overwriting these
bits. Furthermore, it is important to know that it is not possible
to change bits once they are trimmed. It is not possible to
change a bit from ‘1’ back to zero. If an additional trimming is
done it is only possible to change bits from ‘0’ to ‘1’. It is
important that all necessary bits are trimmed exactly like in the
block diagram shown in Figure 71.
Figure 71:
OTP Programming Process
OTP Programming: This flow chart describes the OTP programming process in detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More