| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD75402ACT Fiches technique(PDF) 44 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD75402ACT Fiches technique(HTML) 44 Page - NEC |
|
44 / 48 page ![]() 44 µPD75402A(A) APPENDIX B DEVELOPMENT TOOLS The following development tools are provided for developing systems including the µPD75402A(A) In-circuit emulator for the 75X series Emulation board for the IE-75000-R and IE-75001-R Emulation probe for the µPD75402AC(A) and µPD75402ACT(A) Emulation probe for the µPD75402AGB(A). A 44-pin conversion socket, the EV-9200G-44, is attached to the probe. PROM programmer PROM programmer adapter for the µPD75P402C and µPD75P402CT. Connected to the PG-1500. PROM programmer adapter for the µPD75P402GB. Connected to the PG-1500. IE-75000-RNote 1 IE-75001-R IE-75000-R-EMNote 2 EP-75402C-R EP-75402GB-R PG-1500 PA-75P402CT PA-75P402GB EV-9200G-44 IE control program PG-1500 controller RA75X relocatable assembler Host machine • PC-9800 series (MS-DOSTM Ver. 3.30 to Ver. 5.00ANote 3) • IBM PC/ATTM (PC DOSTM Ver. 3.1) Notes 1. Maintenance service only 2. Not contained in the IE-75001-R 3. These software cannot use the task swap function, which is available in MS-DOS Ver. 5.00 and Ver. 5.00A. Remark Refer to "75X Series Selection Guide" (IF-1027) for development tools manufactured by third parties. |