| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD75402ACT Fiches technique(PDF) 41 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD75402ACT Fiches technique(HTML) 41 Page - NEC |
|
41 / 48 page ![]() 41 µPD75402A(A) PACKAGE DIMENSIONS OF THE 44-PIN CERAMIC QFP FOR ES (REF. DWG.) (UNIT: MM) 8.0 11.43 0.8 0.32 44 34 12 22 1 11 33 23 0.15 (Bottom) Cautions 1. Find the location of pin 1 by checking the location of pin 17, which is connected to the metal cap. 2. The metal cap is connected to pin 17. The electrical level of the metal cap is VSS (GND). 3. The lead length has not been specified because leads are cut without any detailed specifications. |