| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD75402ACT Fiches technique(PDF) 28 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD75402ACT Fiches technique(HTML) 28 Page - NEC |
|
28 / 48 page ![]() 28 µPD75402A(A) Instruc- tion group Memory bit manipu- lation instruc- tion Branch instruc- tion Subrou- tine stack control instruc- tion Interrupt control instruc- tion Input/ output instruc- tion CPU control instruction Mne- monic SET1 CLR1 SKT SKF SKTCLR AND1 OR1 XOR1 BR BRCB CALLF RET RETS RETI PUSH POP EI DI IN OUT HALT STOP NOP Number of bytes 2 2 2 2 2 2 2 2 2 2 2 2 – 1 2 2 1 1 1 1 1 2 2 2 2 2 2 2 2 1 Skip condition (mem.bit) = 1 (fmem.bit) = 1 (mem.bit) = 0 (fmem.bit) = 0 (fmem.bit) = 1 Uncondition- ally Address- ing area *2 *3 *2 *3 *2 *3 *2 *3 *3 *3 *3 *3 *4 *5 *6 *7 Ma- chine cycle 2 2 2 2 2 + S 2 + S 2 + S 2 + S 2 + S 2 2 2 – 2 2 2 3 3 + S 3 1 1 2 2 2 2 2 2 2 2 1 Operand mem.bit fmem.bit mem.bit fmem.bit mem.bit fmem.bit mem.bit fmem.bit fmem.bit CY, fmem.bit CY, fmem.bit CY, fmem.bit addr $addr !caddr !faddr rp rp IE ××× IE ××× A, PORTn PORTn, A Operation (mem.bit) ← 1 (fmem.bit) ← 1 (mem.bit) ← 0 (fmem.bit) ← 0 Skip if (mem.bit) = 1 Skip if (fmem.bit) = 1 Skip if (mem.bit) = 0 Skip if (fmem.bit) = 0 Skip if (fmem.bit) = 1 and clear CY ← CY ∧ (fmem.bit) CY ← CY ∨ (fmem.bit) CY ← CY ∨ (fmem.bit) PC10-0 ← addr (The assembler selects an appropriate instruction from the BRCB !caddr and BR $addr instructions.) PC10-0 ← addr PC10-0 ← caddr (SP – 4)(SP – 1)(SP – 2) ← 0, PC10-0 (SP – 3) ← 0000 PC10-0 ← faddr, SP ← SP – 4 ×, PC10-0 ← (SP)(SP + 3)(SP + 2) SP ← SP + 4 ×, PC10-0 ← (SP)(SP + 3)(SP + 2) SP ← SP + 4, then skip unconditionally ×, PC10-0 ← (SP)(SP + 3)(SP + 2) PSW ← (SP + 4)(SP + 5), SP ← SP + 6 (SP – 1)(SP – 2) ← rp, SP ← SP – 2 rp ← (SP + 1)(SP), SP ← SP + 2 IME (IPS.3) ← 1 IE ××× ← 1 IME (IPS.3) ← 0 IE ××× ← 0 A ← PORTn (n = 0 - 3, 5, 6) PORT n ← A (n = 2, 3, 5, 6) Set HALT mode (PCC.2 ← 1) Set STOP mode (PCC.3 ← 1) No operation |