| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD75402ACT Fiches technique(PDF) 22 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD75402ACT Fiches technique(HTML) 22 Page - NEC |
|
22 / 48 page ![]() 22 µPD75402A(A) 7. STANDBY FUNCTION To reduce the power consumption when the program is in the wait state, the µPD75402A(A) has two standby modes, STOP and HALT. Table 7-1 Operation Statuses in the Standby Mode Instruction to be used to set mode Clock generator Basic interval timer Serial interface Clock output circuit External interrupt CPU Release signal HALT mode HALT instruction Only the CPU clock ( Φ) stops, but oscillation continues. Operates. (IRQBT is set at every refer- ence time interval.) Operable Clocks other than CPU clock ( Φ) can be output. INT2 pin is usable. INT0 pin cannot be used. RESET input or interrupt request signals enabled by the interrupt enable flags STOP mode STOP instruction Oscillation of the system clock stops. Operation stops. Operable only when the external SCK input is selected for the serial clock. Operation stops. INT2 pin is usable. INT0 pin cannot be used. Operation stops. RESET input Opera- tion status |