| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD75402ACT Fiches technique(PDF) 26 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD75402ACT Fiches technique(HTML) 26 Page - NEC |
|
26 / 48 page ![]() 26 µPD75402A(A) (3) Explanation of the symbols in the addressing area field Remarks 1. MB indicates an accessible memory bank. 2. *4 to *7 indicate each addressable area. (4) Explanation of the machine cycle field S indicates the number of machine cycles required for a skip instruction to perform skipping. The following shows the values of S. • When the next instruction is not skipped, S is 0. • When the next instruction is skipped, S is 1. A machine cycle is equal to one cycle (= tCY) of CPU clock Φ. A PCC setting determines the machine cycle. It can be set to one of three different periods. MB = 0 MB = 0 (00H - 3FH) MB = 15 (80H - FFH) MB = 15, fmem = FB0H - FBFH or FF0H - FFFH addr = 000H - 77FH addr = (Current PC) – 15 to (Current PC) – 1 or (Current PC) + 16 to (Current PC) + 2 caddr = 000H - 77FH faddr = 000H - 77FH *1 *2 *3 *4 *5 *6 *7 Data memory addressing Program memory addressing |