Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1870 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce UM1870
Description  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 Fiches technique(HTML) 5 Page - STMicroelectronics

  UM1870 Datasheet HTML 1Page - STMicroelectronics UM1870 Datasheet HTML 2Page - STMicroelectronics UM1870 Datasheet HTML 3Page - STMicroelectronics UM1870 Datasheet HTML 4Page - STMicroelectronics UM1870 Datasheet HTML 5Page - STMicroelectronics UM1870 Datasheet HTML 6Page - STMicroelectronics UM1870 Datasheet HTML 7Page - STMicroelectronics UM1870 Datasheet HTML 8Page - STMicroelectronics UM1870 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
DocID027602 Rev 1
5/58
UM1870
Getting started
58
1
Getting started
This section describes all the software and hardware requirements for running the
BlueNRG-MS GUI utility as well as the related installation procedure.
1.1
STEVAL-IDB005V1 kit contents
This kit is composed of the following items:
•
1 development motherboard
•
1 BlueNRG-MS daughterboard
•
1 2.4 GHz Bluetooth antenna
•
1 USB cable
Figure 1. BlueNRG-MS kit motherboard with the STEVAL-IDB005V1 daughterboard
connected
1.2
System requirements
The BlueNRG-MS graphical user interface utility has the following minimum requirements:
•
PC with Intel® or AMD® processor running one of the following Microsoft® operating
systems:
–
Windows XP SP3
–
Windows Vista
–
Windows 7
•
At least 128 Mb of RAM
•
2 USB ports
•
40 Mb of hard disk space available
•
Adobe Acrobat Reader 6.0 or later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58