Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1870 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce UM1870
Description  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 7Page - STMicroelectronics UM1870 Datasheet HTML 8Page - STMicroelectronics UM1870 Datasheet HTML 9Page - STMicroelectronics UM1870 Datasheet HTML 10Page - STMicroelectronics UM1870 Datasheet HTML 11Page - STMicroelectronics UM1870 Datasheet HTML 12Page - STMicroelectronics UM1870 Datasheet HTML 13Page - STMicroelectronics UM1870 Datasheet HTML 14Page - STMicroelectronics UM1870 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
DocID027602 Rev 1
11/58
UM1870
Hardware description
58
2.1.7
LEDs
Five LEDs are available (I in Figure 2).
–
DL1: green
–
DL2: orange
–
DL3: red
–
DL4: blue
–
DL5: yellow
2.1.8
Daughterboard interface
The main feature of the motherboard is the capability to control an external board,
connected to the J4 and J5 connectors (L in Figure 2). Table 1 shows which pins of the
microcontroller are connected to the daughterboard.
Some of the lines are connected also to a row of test points (M).
a.
The STM32L is preprogrammed with a DFU firmware that allows the downloading of a firmware image without
the use of a programmer. If an user accidentally erases DFU firmware, he can reprogram it through STLink
using the hex image DFU_Bootloader.hex available on BlueNRG-MS DK SW package, firmware folder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58