| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1870 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1870 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 58 page ![]() DocID027602 Rev 1 23/58 UM1870 GUI software description 58 GUI script engine The GUI script engine allows the user to load and run a python script built using the available set of BlueNRG-MS ACI commands and the related events. For a list of supported HCI and ACI script commands and related parameters, refer to the commands available in the BlueNRG-MS GUI ACI Commands window. Table 6. GUI Scripts window: available peripheral operations Operation Associated actions Notes Advertising Allows to put a Peripheral device in Advertising mode by selecting: - Discoverable mode (limited, non discoverable and general discoverable) - Type (ADV_IND, ADV_SCAN_IND, ADV_NONCONN_IND) - Set Local name and type (complete or short) - Advertising intervals (min & max) - Policy: - Allow scan request from any, allow connect request from any - Allow scan request from white list only, allow connect - request from any - Allow scan request from any, allow connect request from white list only Update Advertising Data It allows to update the advertising data; It allows to set the scan response data; It allows to update the location UUID, major and minor number defined on the Beacon window |