Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1870 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce UM1870
Description  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 27Page - STMicroelectronics UM1870 Datasheet HTML 28Page - STMicroelectronics UM1870 Datasheet HTML 29Page - STMicroelectronics UM1870 Datasheet HTML 30Page - STMicroelectronics UM1870 Datasheet HTML 31Page - STMicroelectronics UM1870 Datasheet HTML 32Page - STMicroelectronics UM1870 Datasheet HTML 33Page - STMicroelectronics UM1870 Datasheet HTML 34Page - STMicroelectronics UM1870 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
DocID027602 Rev 1
31/58
UM1870
GUI software description
58
To configure a BlueNRG-MS platform as a BLE beacon device, click on “Set Beacon” tab.
Table 10. BlueNRG GUI beacon window configuration parameters
Data field
Description
Notes
Address
Device address
Public or Random
Device address type
Company Identifier Code
SIG company identifier
Default is 0x0030 (STMicroelectronics)
ID
Beacon ID
Fixed value
Location UUID
Beacons UUID
Used to distinguish specific beacons
from others
Major number
Identifier for a group of beacons Used to group a related set of beacons
Minor number
Identifier for a single beacon
Used to identify a single beacon
Tx Power Level
2's complement of the Tx power
Used to establish how far you are from
device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58