Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1870 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce UM1870
Description  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 20Page - STMicroelectronics UM1870 Datasheet HTML 21Page - STMicroelectronics UM1870 Datasheet HTML 22Page - STMicroelectronics UM1870 Datasheet HTML 23Page - STMicroelectronics UM1870 Datasheet HTML 24Page - STMicroelectronics UM1870 Datasheet HTML 25Page - STMicroelectronics UM1870 Datasheet HTML 26Page - STMicroelectronics UM1870 Datasheet HTML 27Page - STMicroelectronics UM1870 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
GUI software description
UM1870
24/58
DocID027602 Rev 1
Figure 10. BlueNRG-MS GUI script engine section
Moreover, the script engine supports other utility commands:
Table 7. GUI script engine: utility commands
Command name
Parameters
Description
HW_BOOTLOADER
None
Hardware bootloader activation
HW_RESET
None
HW reset
INFO
String to be
displayed
Open a message window and show the input
parameter. Script is blocked until user presses
OK button.
ERROR
User message
Raises an exception with a user-defined debug
message.
GET_NAME
None
Returns the device name within an advertising
packet
GET_VALUE
Array of bytes
Convert the array of bytes to an integer value.
Example:
X = [0x33,0x22]
GET_VALUE(X) = 0x2233



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58