Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1870 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce UM1870
Description  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 5Page - STMicroelectronics UM1870 Datasheet HTML 6Page - STMicroelectronics UM1870 Datasheet HTML 7Page - STMicroelectronics UM1870 Datasheet HTML 8Page - STMicroelectronics UM1870 Datasheet HTML 9Page - STMicroelectronics UM1870 Datasheet HTML 10Page - STMicroelectronics UM1870 Datasheet HTML 11Page - STMicroelectronics UM1870 Datasheet HTML 12Page - STMicroelectronics UM1870 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
DocID027602 Rev 1
9/58
UM1870
Hardware description
58
PB1
27
JOY_RIGHT
PB2
28
18
PB10
29
INT1
PB11
30
INT2
VSS_1
31
VDD_1
32
PB12
33
DB_CSN(1)
PB13
34
DB_SCLK(1)
PB14
35
DB_SDO(1)
PB15
36
DB_SDI(1)
PC6
37
PUSH_BTN
PC7
38
DB_IO0(1)
PC8
39
DB_IO1(1)
PC9
40
DB_IO2(1)
PA8
41
JOY_LEFT
PA9
42
JOY_CENTER
PA10
43
JOY_UP
PA11
44
USB_DM
PA12
45
USB_DP
PA13
46
JTMS
16
VSS_2
47
VDD_2
48
PA14
49
JTCK
14
PA15
50
JTDI
12
PC10
51
DB_IO3_IRQ(1)
PC11
52
DB_PIN1
PC12
53
DB_PIN2
PD2
54
LED3
PB3
55
JTDO
10
PB4
56
JNTRST
8
PB5
57
TSEN_INT
PB6
58
I2C1_SCL
PB7
59
I2C1_SDA
Table 1. MCU pin description versus board function (continued)
Pin
name
Pin
Board function
LEDs
DB connector
Buttons /
joystick
Acceler.
Temp.
sensor
USB
JTAG
Ext.
conn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58