Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1759 Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce UM1759
Description  Wireless M-Bus firmware and application
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1759 Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button UM1759 Datasheet HTML 42Page - STMicroelectronics UM1759 Datasheet HTML 43Page - STMicroelectronics UM1759 Datasheet HTML 44Page - STMicroelectronics UM1759 Datasheet HTML 45Page - STMicroelectronics UM1759 Datasheet HTML 46Page - STMicroelectronics UM1759 Datasheet HTML 47Page - STMicroelectronics UM1759 Datasheet HTML 48Page - STMicroelectronics UM1759 Datasheet HTML 49Page - STMicroelectronics UM1759 Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
Running the Wireless M-Bus application
UM1759
46/50
DocID026279 Rev 1
Figure 33. GUI monitoring window
Meter reading can be sent to concentrator device by pressing the right button of joystick on
evaluation board (programmed as meter). Similarly Up key is used to increment the meter
data by one unit.
LED indications on concentrator board:-
DL1:- Power LED
DL2:- The Data Rx ongoing
DL3:- ON-Data Communication Mode, OFF- Install Mode
DL5:- Meter is installed to concentrator
The meter data is displayed in the GUI as shown below:
Figure 34. GUI monitoring window with meter data
4.
A new meter can be added to or deleted from Concentrator database using “Meter
Window”. This window is useful in a case when encryption is enabled. The window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50