Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1759 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce UM1759
Description  Wireless M-Bus firmware and application
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1759 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button UM1759 Datasheet HTML 24Page - STMicroelectronics UM1759 Datasheet HTML 25Page - STMicroelectronics UM1759 Datasheet HTML 26Page - STMicroelectronics UM1759 Datasheet HTML 27Page - STMicroelectronics UM1759 Datasheet HTML 28Page - STMicroelectronics UM1759 Datasheet HTML 29Page - STMicroelectronics UM1759 Datasheet HTML 30Page - STMicroelectronics UM1759 Datasheet HTML 31Page - STMicroelectronics UM1759 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
Wireless M-Bus firmware APIs
UM1759
28/50
DocID026279 Rev 1
Table 23. WM-Bus application set frame format routine
Name
WMBus_AppliSetFrameFormat
Parameters
FrameFormatType_t frameFormat
Description
This function will set the frame format
Return type
LINK_STATUS
Table 24. WM-Bus application set operation mode routine
Name
WMBus_AppliSetOperationMode
Parameters
WMBusOperationMode_t currmode: The current operation mode.
Description
This function will set the current operation mode.
Return type
None
Table 25. WM-Bus application data transmission sent routine
Name
WMBus_AppliTxDataSentHandler
Parameters
LINK_STATUS status
LastEventLog_t LastEvent
Description
This function handles the data transmission and returns the link status and
last event occurred
Return type
None
Table 26. WM-Bus application update meter attribute routine
Name
WMBus_AppliUpdateMeterAttr
Parameters
WMBusDatabaseFrame_t databaseFrame: The database frame contains
meter attribute.
Description
This function will update the meter attributes (This will not add meter).
Return type
SpiritBool
Table 27. WM-Bus application update meter database routine
Name
WMBus_AppliUpdateMeterDatabase
Parameters
Frame *frame: The database frame contains meter data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50