Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1759 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce UM1759
Description  Wireless M-Bus firmware and application
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1759 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button UM1759 Datasheet HTML 37Page - STMicroelectronics UM1759 Datasheet HTML 38Page - STMicroelectronics UM1759 Datasheet HTML 39Page - STMicroelectronics UM1759 Datasheet HTML 40Page - STMicroelectronics UM1759 Datasheet HTML 41Page - STMicroelectronics UM1759 Datasheet HTML 42Page - STMicroelectronics UM1759 Datasheet HTML 43Page - STMicroelectronics UM1759 Datasheet HTML 44Page - STMicroelectronics UM1759 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
DocID026279 Rev 1
41/50
UM1759
Running the Wireless M-Bus application
50
Define AES_CBC_ENABLE symbol in preprocessor setting.
10. Encryption key for three types of meter is preset in firmware which are:
a)
Electricity meter=0x02
b)
Gas meter=0x03
c)
Heat meter=0x04
5.3.2
Installation sequence
As the first step it is required to install meter to concentrator.
Figure 25. WM-Bus installation request
5.3.3
Data communication sequence: (meter must be installed to the
concentrator prior to this step)
Figure 26. WM-Bus data communication
5.4
Using evaluation board with GUI
The evaluation board programmed with concentrator FW must be connected to PC-GUI
through USB port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50