| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1759 Fiches technique(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1759 Fiches technique(HTML) 45 Page - STMicroelectronics |
|
45 / 50 page ![]() DocID026279 Rev 1 45/50 UM1759 Running the Wireless M-Bus application 50 Figure 31. Connection successful 2. The concentrator configuration can be retrieved using the “Receive All” icon. Go to configuration window which shows the current configuration of the concentrator board. Also the entire configuration can be send to the board with the “Send All” icon. Refer Figure 27: WMBUS configuration window. Figure 32. Configuration window 3. User can monitor the meter data received on concentrator side using monitoring window by clicking on “Auto Refresh” button. |