| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1759 Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1759 Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 50 page ![]() Wireless M-Bus firmware APIs UM1759 30/50 DocID026279 Rev 1 Table 32. WM-Bus application set board manufacturing ID routine Name WMBus_SetBoardMnfID Parameters uint8_t *buff: The MFR ID in array format. Description This function will set the MFR ID(MFR+Identification field). Return type SpiritBool Table 33. WM-Bus application set time routine Name WMBus_SetTime Parameters uint32_t date, uint32_t time Description This function will the set time and date of the board Return type SpiritBool Table 34. WM-Bus application RTC configuration routine Name RTC_Config Parameters None Description This function will Configure the RTC clock source Return type None Table 35. WM-Bus application radio power on routine Name Appli_RadioPowerON Parameters None Description This function will turn on the radio and waits till it enters the ready state Return type None Table 36. WM-Bus application radio power off routine Name Appli_RadioPowerOFF Parameters None Description This function will shut down the radio Return type None Table 37. WM-Bus application radio stand-by routine Name Appli_RadioStandBy Parameters None |