Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1759 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce UM1759
Description  Wireless M-Bus firmware and application
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1759 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button UM1759 Datasheet HTML 16Page - STMicroelectronics UM1759 Datasheet HTML 17Page - STMicroelectronics UM1759 Datasheet HTML 18Page - STMicroelectronics UM1759 Datasheet HTML 19Page - STMicroelectronics UM1759 Datasheet HTML 20Page - STMicroelectronics UM1759 Datasheet HTML 21Page - STMicroelectronics UM1759 Datasheet HTML 22Page - STMicroelectronics UM1759 Datasheet HTML 23Page - STMicroelectronics UM1759 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
Hardware description
UM1759
20/50
DocID026279 Rev 1
Figure 15. STEVAL-IKR001Vx (RF module)
3.5
Hardware connection between MCU and SPIRIT1 module
The hardware connection between MCU (STM32L) and SPIRIT1 is using the following pins.
This is the minimum connection needed for communication between STM32L and SPIRIT1
device.
Figure 16. Connection diagram
The evaluation board is connected with SPIRIT1 module as per the table given below. The
connections are shown for both connectors J6 and J7 in the STEVAL-IKR001Vx board.
Table 2. Evaluation board connection with connector J6
Evaluation board
SPIRIT1 module (J6)
NC
Pin#1 (NC)
3V3
Pin#2 (3V3)
NC
Pin#3 (NC)
NC
Pin#4 (NC)
GND
Pin#5 (GND)
NC
Pin#6 (NC)
GND
Pin#7 (GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50