Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4494 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce AN4494
Description  Bringing up the BlueNRG and BlueNRG-MS devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4494 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button AN4494 Datasheet HTML 26Page - STMicroelectronics AN4494 Datasheet HTML 27Page - STMicroelectronics AN4494 Datasheet HTML 28Page - STMicroelectronics AN4494 Datasheet HTML 29Page - STMicroelectronics AN4494 Datasheet HTML 30Page - STMicroelectronics AN4494 Datasheet HTML 31Page - STMicroelectronics AN4494 Datasheet HTML 32Page - STMicroelectronics AN4494 Datasheet HTML 33Page - STMicroelectronics AN4494 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
AN4494
Power consumption in advertising mode
These values are significantly influenced by the IFR parameters, such as the
HS_Startup_Time, the Stack Mode and the 32 KHz crystal (external or internal ring
oscillator)
Figure 9: Typical current profile during an advertising event
10.7
Note
N/A.
10.8
Other
N/A.
DocID026361 Rev 3
31/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34