| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4494 Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4494 Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 34 page ![]() IFR configuration AN4494 Figure 4: BlueNRG GUI IFR tool 4.1 HS_Startup_Time: Test case specification identifier XTAL_startup_TEST 4.2 Test prerequisite The user’s platform should have the test points for the pins TEST8 and TEST9 (see Table 1: "Test points"). 4.3 Test description The HS_Startup_Time parameter is important because it permits minimization of the current consumption, but to do this a measurement of the startup time of the adopted crystal must be performed (XTAL_startup). A value that is too short prevents the BlueNRG from correctly sending/receiving packets. 16/34 DocID026361 Rev 3 |