Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4494 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce AN4494
Description  Bringing up the BlueNRG and BlueNRG-MS devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4494 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button AN4494 Datasheet HTML 20Page - STMicroelectronics AN4494 Datasheet HTML 21Page - STMicroelectronics AN4494 Datasheet HTML 22Page - STMicroelectronics AN4494 Datasheet HTML 23Page - STMicroelectronics AN4494 Datasheet HTML 24Page - STMicroelectronics AN4494 Datasheet HTML 25Page - STMicroelectronics AN4494 Datasheet HTML 26Page - STMicroelectronics AN4494 Datasheet HTML 27Page - STMicroelectronics AN4494 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Output power test
AN4494
7.7
Note
The results are significantly influenced by the matching network performances. The user
may need to tune it to obtain maximum performance.
7.8
Other
N/A
Figure 7: Output power measurement in High power mode with PA_level 7
24/34
DocID026361 Rev 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34