Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4494 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce AN4494
Description  Bringing up the BlueNRG and BlueNRG-MS devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4494 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button AN4494 Datasheet HTML 13Page - STMicroelectronics AN4494 Datasheet HTML 14Page - STMicroelectronics AN4494 Datasheet HTML 15Page - STMicroelectronics AN4494 Datasheet HTML 16Page - STMicroelectronics AN4494 Datasheet HTML 17Page - STMicroelectronics AN4494 Datasheet HTML 18Page - STMicroelectronics AN4494 Datasheet HTML 19Page - STMicroelectronics AN4494 Datasheet HTML 20Page - STMicroelectronics AN4494 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
AN4494
IFR configuration
4.4
Test setup
4.4.1
Hardware
An oscilloscope is required for this test.
4.4.2
Software
ST BlueNRG GUI, to enable a dedicated test mode.
4.5
Test procedure
Tick the checkbox present in the BlueNRG IFR tool in the BlueNRG GUI to enable the
startup time test signals.
Put two scope probes on test points TEST8 and TEST9.
Set the BlueNRG in advertising mode, using these commands with the BlueNRG GUI:
BLUEHCI_GATT_INIT
BLUEHCI_GAP_INIT
BLUEHCI_GAP_SET_DISCOVERABLE (leave the default settings)
Measure the time between the rising edge of the two signals (see Figure 5: "XTAL_startup
measure").
Figure 5: XTAL_startup measure
DocID026361 Rev 3
17/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34