Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4494 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN4494
Description  Bringing up the BlueNRG and BlueNRG-MS devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4494 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN4494 Datasheet HTML 18Page - STMicroelectronics AN4494 Datasheet HTML 19Page - STMicroelectronics AN4494 Datasheet HTML 20Page - STMicroelectronics AN4494 Datasheet HTML 21Page - STMicroelectronics AN4494 Datasheet HTML 22Page - STMicroelectronics AN4494 Datasheet HTML 23Page - STMicroelectronics AN4494 Datasheet HTML 24Page - STMicroelectronics AN4494 Datasheet HTML 25Page - STMicroelectronics AN4494 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
LSOSC centering test
AN4494
To find the oscillator ppm use the formula:
Where:
Δf = offset
f = 32.768 KHz
Add to the found ppm value the one declared in the adopted crystal datasheet.
This final value must be set in the IFR with the GUI, in the Slave SCA and Master SCA
fields.
6.7
Note
N/A.
6.8
Other
N/A.
22/34
DocID026361 Rev 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34