Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4494 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN4494
Description  Bringing up the BlueNRG and BlueNRG-MS devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4494 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN4494 Datasheet HTML 7Page - STMicroelectronics AN4494 Datasheet HTML 8Page - STMicroelectronics AN4494 Datasheet HTML 9Page - STMicroelectronics AN4494 Datasheet HTML 10Page - STMicroelectronics AN4494 Datasheet HTML 11Page - STMicroelectronics AN4494 Datasheet HTML 12Page - STMicroelectronics AN4494 Datasheet HTML 13Page - STMicroelectronics AN4494 Datasheet HTML 14Page - STMicroelectronics AN4494 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
AN4494
Power supply and current consumption tests
2.7
Note
If some of the measured values are not aligned with the expected values, it is
recommended to double-check the integrity of the board's connection.
2.8
Other
N/A.
DocID026361 Rev 3
11/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34