Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4128 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN4128
Description  This document describes the STEVAL-SPBT4ATV3 demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4128 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN4128 Datasheet HTML 18Page - STMicroelectronics AN4128 Datasheet HTML 19Page - STMicroelectronics AN4128 Datasheet HTML 20Page - STMicroelectronics AN4128 Datasheet HTML 21Page - STMicroelectronics AN4128 Datasheet HTML 22Page - STMicroelectronics AN4128 Datasheet HTML 23Page - STMicroelectronics AN4128 Datasheet HTML 24Page - STMicroelectronics AN4128 Datasheet HTML 25Page - STMicroelectronics AN4128 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Getting started
AN4128
22/28
Doc ID 023306 Rev 1
Figure 31.
Change syntax dongle1
Note:
Change reply prefix.
6.2.4
GPIO and LED
SPBT2632C1A.AT2 has several pins which can be configured as GPIOs (GPIO00 to
GPIO15).
If GPIO function is selected, GPIO direction (input/output) and GPIO level can be chosen by
means of the AT commands.
GPIO must be configured for output or input using the proper command:
–
AT+AB GPIOConfig [GPIO Pin] I for input
–
AT+AB GPIOConfig [GPIO Pin] O for output
Once configured the GPIO port can be read or written with the commands:
–
AT+AB GPIOWrite [GPIO Pin] 1 write 1
–
AT+AB GPIOWrite [GPIO Pin] 0 write 0
–
AT+AB GPIORead [GPIO Pin] read
On the dongle there are 2 LEDs connected to GPIOs: LED3 connected to GPIO01 and
LED2 to GPIO004.
Each LED can be switched on/off by driving the corresponding GPIO with the proper AT
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28