Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4128 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce AN4128
Description  This document describes the STEVAL-SPBT4ATV3 demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4128 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button AN4128 Datasheet HTML 14Page - STMicroelectronics AN4128 Datasheet HTML 15Page - STMicroelectronics AN4128 Datasheet HTML 16Page - STMicroelectronics AN4128 Datasheet HTML 17Page - STMicroelectronics AN4128 Datasheet HTML 18Page - STMicroelectronics AN4128 Datasheet HTML 19Page - STMicroelectronics AN4128 Datasheet HTML 20Page - STMicroelectronics AN4128 Datasheet HTML 21Page - STMicroelectronics AN4128 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Getting started
AN4128
18/28
Doc ID 023306 Rev 1
Figure 24.
Connection dongle1, dongle2
Now the two dongles are connected to one another and in -BypassMode-.
In other words, everything typed on a terminal is transferred to the other via the Bluetooth
link and vice versa. In -BypassMode- the dongle doesn't answer the commands.
If, for example, the user needs to change some parameters of a dongle, it’s necessary to
switch to -CommandMode-, giving the “escape command”.
The escape command is a special sequence of characters followed by at least two seconds
of inactivity on the serial port.
The escape command sequence is: ^ #^$^%.
Figure 25.
Escape dongle1, dongle2
As can be noted, the escape command given to dongle1 doesn't affect dongle2 which
remains in -BypassMode-.
Connection between the two dongles is still active; to return to the “exchange data” situation,
dongle1 must be reconfigured in -BypassMode- with the command “Bypass”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28