Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4128 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN4128
Description  This document describes the STEVAL-SPBT4ATV3 demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4128 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN4128 Datasheet HTML 17Page - STMicroelectronics AN4128 Datasheet HTML 18Page - STMicroelectronics AN4128 Datasheet HTML 19Page - STMicroelectronics AN4128 Datasheet HTML 20Page - STMicroelectronics AN4128 Datasheet HTML 21Page - STMicroelectronics AN4128 Datasheet HTML 22Page - STMicroelectronics AN4128 Datasheet HTML 23Page - STMicroelectronics AN4128 Datasheet HTML 24Page - STMicroelectronics AN4128 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AN4128
Getting started
Doc ID 023306 Rev 1
21/28
Figure 30.
Automatic connection dongle1, dongle2
●
Delete smart cable setup:
The command to remove the SmartCableSetup is:
–
AT+AB DeleteSmartCable
if the operation is successful, the answer is:
–
AT-AB DeleteSmartCableDone
To give the command the dongle must be in; -CommandMode-.
●
Erase bond table:
The erase bond table command must be used to clear all the bonded device entries:
–
AT+AB EraseBondTable
if the operation is successful, the answer is:
–
AT-AB BondTableErased
6.2.3
Command and answer syntax
The syntax of the commands is fixed and cannot be changed, the prefix for each command
is AT+AB.
Each command has an answer which is preceded by the prefix AT-AB; this identifier can be
changed by means of the AT+AB config command.
If it is necessary to change the prefix of the answer from AT-AB to “>>” on dongle1, the steps
to follow are shown in Figure 31:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28