Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4128 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce AN4128
Description  This document describes the STEVAL-SPBT4ATV3 demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4128 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button AN4128 Datasheet HTML 10Page - STMicroelectronics AN4128 Datasheet HTML 11Page - STMicroelectronics AN4128 Datasheet HTML 12Page - STMicroelectronics AN4128 Datasheet HTML 13Page - STMicroelectronics AN4128 Datasheet HTML 14Page - STMicroelectronics AN4128 Datasheet HTML 15Page - STMicroelectronics AN4128 Datasheet HTML 16Page - STMicroelectronics AN4128 Datasheet HTML 17Page - STMicroelectronics AN4128 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Getting started
AN4128
14/28
Doc ID 023306 Rev 1
with the following parameters:
–
Select the proper COM line (COM1, COM2……)
–
Set baud rate = 115000 (default baud rate of SPBT2632C1A.AT2 module)
–
Set data bits= 8
–
Set stop bits= 1
–
Set parity= none
–
Set flow control= none
From the menu file set the AT command connection properties:
Figure 18.
Connection properties setup
The dongle is ready to use:
–
Press the reset switch on the dongle
–
On the screen, the prompt followed by the module Bluetooth address should
appear:
Figure 19.
AT command prompt
“AT-AB -CommandMode -”
“AT-AB BDAddress xxxxxxxxxxxx”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28